Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ128GA310 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 15Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 16Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 17Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 18Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 19Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 20Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 21Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 22Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 19
PIC24FJ128GA310 FAMILY
CN44
—
53
67
E8
I
ST
Interrupt-on-Change Inputs.
CN45
—
4
6
D1
I
ST
CN46
—
—
7
E4
I
ST
CN47
—
5
8
E2
I
ST
CN48
—
—
9
E1
I
ST
CN49
465872
D9
I
ST
CN50
496176
A11
I
ST
CN51
506277
A10
I
ST
CN52
516378
B9
I
ST
CN53
425468
E9
I
ST
CN54
435569
E10
I
ST
CN55
445670
D11
I
ST
CN56
455771
C11
I
ST
CN57
—
64
79
A9
I
ST
CN58
607693
A4
I
ST
CN59
617794
B4
I
ST
CN60
627898
119
I
ST
CN61
637999
A2
I
ST
CN62
64
80
100
A1
I
ST
CN63
1
1
3
D3
I
ST
CN64
2
2
4
C1
I
ST
CN65
3
3
5
D2
I
ST
CN66
—
13
18
G1
I
ST
CN67
—
14
19
G2
I
ST
CN68
587287
B6
I
ST
CN69
597388
A6
I
ST
CN70
344252
K11
I
ST
CN71
334151
K10
I
ST
CN72
374757
H10
I
ST
CN73
364656
J11
I
ST
CN74
—
43
53
J10
I
ST
CN75
—
—
40
K6
I
ST
CN76
—
—
39
L6
I
ST
CN77
—
75
90
A5
I
ST
CN78
—
74
89
E6
I
ST
CN79
—
—
96
C3
I
ST
CN80
—
—
97
A3
I
ST
CN81
—
—
95
C4
I
ST
CN82
—
—
1
B2
I
ST
CN83
—
44
54
H8
I
ST
CN84
354555
H9
I
ST
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com