Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ128GA310 Fiches technique(PDF) 62 Page - Microchip Technology

No de pièce PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Fiches technique(HTML) 62 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 58Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 59Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 60Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 61Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 62Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 63Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 64Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 65Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 406 page
background image
TABLE 4-29:
CRC REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CRCCON1
0640
CRCEN
—
CSIDL
VWORD4 VWORD3 VWORD2 VWORD1 VWORD0 CRCFUL CRCMPT CRCISEL CRCGO LENDIAN
—
—
—
0040
CRCCON2
0642
—
—
—
DWIDTH4 DWIDTH3 DWIDTH2 DWIDTH1 DWIDTH0
—
—
—
PLEN4
PLEN3
PLEN2
PLEN1
PLEN0
0000
CRCXORL
0644
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
X1
—
0000
CRCXORH
0646
X31
X30
X29
X28
X27
X26
X25
X24
X23
X22
X21
X20
X19
X18
X17
X16
0000
CRCDATL
0648
CRC Data Input Register Low
0000
CRCDATH
064A
CRC Data Input Register High
0000
CRCWDATL
064C
CRC Result Register Low
0000
CRCWDATH
064E
CRC Result Register High
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-30:
PERIPHERAL PIN SELECT REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
RPINR0
0680
—
—
INT1R5
INT1R4
INT1R3
INT1R2
INT1R1
INT1R0
—
—
—
—
—
—
—
—
3F3F
RPINR1
0682
—
—
INT3R5
INT3R4
INT3R3
INT3R2
INT3R1
INT3R0
—
—
INT2R5
INT2R4
INT2R3
INT2R2
INT2R1
INT2R0
3F3F
RPINR2
0684
—
—
—
—
—
—
—
—
—
—
INT4R5
INT4R4
INT4R3
INT4R2
INT4R1
INT4R0
3F3F
RPINR3
0686
—
—
T3CKR5
T3CKR4
T3CKR3
T3CKR2
T3CKR1
T3CKR0
—
—
T2CKR5
T2CKR4
T2CKR3
T2CKR2
T2CKR1
T2CKR0
3F3F
RPINR4
0688
—
—
T5CKR5
T5CKR4
T5CKR3
T5CKR2
T5CKR1
T5CKR0
—
—
T4CKR5
T4CKR4
T4CKR3
T4CKR2
T4CKR1
T4CKR0
3F3F
RPINR7
068E
—
—
IC2R5
IC2R4
IC2R3
IC2R2
IC2R1
IC2R0
—
—
IC1R5
IC1R4
IC1R3
IC1R2
IC1R1
IC1R0
3F3F
RPINR8
0690
—
—
IC4R5
IC4R4
IC4R3
IC4R2
IC4R1
IC4R0
—
—
IC3R5
IC3R4
IC3R3
IC3R2
IC3R1
IC3R0
3F3F
RPINR9
0692
—
—
IC6R5
IC6R4
IC6R3
IC6R2
IC6R1
IC6R0
—
—
IC5R5
IC5R4
IC5R3
IC5R2
IC5R1
IC5R0
3F3F
RPINR10
0694
—
—
—
—
—
—
—
—
—
—
IC7R5
IC7R4
IC7R3
IC7R2
IC7R1
IC7R0
003F
RPINR11
0696
—
—
OCFBR5
OCFBR4
OCFBR3
OCFBR2
OCFBR1
OCFBR0
—
—
OCFAR5
OCFAR4
OCFAR3
OCFAR2
OCFAR1
OCFAR0
3F3F
RPINR17
06A2
—
—
U3RXR5
U3RXR4
U3RXR3
U3RXR2
U3RXR1
U3RXR0
—
—
—
—
—
—
—
—
3F00
RPINR18
06A4
—
—
U1CTSR5 U1CTSR4 U1CTSR3 U1CTSR2 U1CTSR1 U1CTSR0
—
—
U1RXR5
U1RXR4
U1RXR3
U1RXR2
U1RXR1
U1RXR0
3F3F
RPINR19
06A6
—
—
U2CTSR5 U2CTSR4 U2CTSR3 U2CTSR2 U2CTSR1 U2CTSR0
—
—
U2RXR5
U2RXR4
U2RXR3
U2RXR2
U2RXR1
U2RXR0
3F3F
RPINR20
06A8
—
—
SCK1R5
SCK1R4
SCK1R3
SCK1R2
SCK1R1
SCK1R0
—
—
SDI1R5
SDI1R4
SDI1R3
SDI1R2
SDI1R1
SDI1R0
3F3F
RPINR21
06AA
—
—
U3CTSR5 U3CTSR4 U3CTSR3 U3CTSR2 U3CTSR1 U3CTSR0
—
—
SS1R5
SS1R4
SS1R3
SS1R2
SS1R1
SS1R0
3F3F
RPINR22
06AC
—
—
SCK2R5
SCK2R4
SCK2R3
SCK2R2
SCK2R1
SCK2R0
—
—
SDI2R5
SDI2R4
SDI2R3
SDI2R2
SDI2R1
SDI2R0
3F3F
RPINR23
06AE
—
—
T1CKR5
T1CKR4
T1CKR3
T1CKR2
T1CKR1
T1CKR0
—
—
SS2R5
SS2R4
SS2R3
SS2R2
SS2R1
SS2R0
003F
RPINR27
06B6
—
—
U4CTSR5 U4CTSR4 U4CTSR3 U4CTSR2 U4CTSR1 U4CTSR0
—
—
U4RXR5
U4RXR4
U4RXR3
U4RXR2
U4RXR1
U4RXR0
3F3F
RPINR30
06BC
—
—
—
—
—
—
—
—
—
—
MDMIR5
MDMIR4
MDMIR3
MDMIR2
MDMIR1
MDMIR0
003F
RPINR31
06BE
—
—
MDC2R5
MDC2R4
MDC2R3
MDC2R2
MDC2R1
MDC2R0
—
—
MDC1R5 MDC1R4 MDC1R3 MDC1R2 MDC1R1 MDC1R0
3F3F
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits are unimplemented in 64-pin devices, read as ‘0’.
2:
These bits are unimplemented in 64-pin and 80-pin devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com