Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ128GA310 Fiches technique(PDF) 90 Page - Microchip Technology

No de pièce PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Fiches technique(HTML) 90 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 86Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 87Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 88Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 89Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 90Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 91Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 92Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 93Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 90
 2010-2011 Microchip Technology Inc.
REGISTER 7-1:
RCON: RESET CONTROL REGISTER
R/W-0
R/W-0
U-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
TRAPR(1)
IOPUWR(1)
—
RETEN(2)
—
DPSLP(1)
CM(1)
VREGS(3)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
EXTR(1)
SWR(1)
SWDTEN(4)
WDTO(1)
SLEEP(1)
IDLE(1)
BOR(1)
POR(1)
bit 7
bit 0
Legend:
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
HS = Hardware Settable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
TRAPR:
Trap Reset Flag bit(1)
1
= A Trap Conflict Reset has occurred
0
= A Trap Conflict Reset has not occurred
bit 14
IOPUWR:
Illegal Opcode or Uninitialized W Access Reset Flag bit(1)
1
= An illegal opcode detection, an illegal address mode or uninitialized W register is used as an
Address Pointer and caused a Reset
0
= An illegal opcode or uninitialized W Reset has not occurred
bit 13-10
Unimplemented:
Read as ‘0’
bit 12
RETEN:
Retention Mode Enable bit(2)
1
= Retention mode is enabled while device is in Sleep modes (1.2V regulator supplies to the core)
0
= Retention mode is disabled; normal voltage levels are present
bit 11
Unimplemented:
Read as ‘0’
bit 10
DPSLP:
Deep Sleep Flag bit(1)
1
= Device has been in Deep Sleep mode
0
= Device has not been in Deep Sleep mode
bit 9
CM:
Configuration Word Mismatch Reset Flag bit(1)
1
= A Configuration Word Mismatch Reset has occurred
0
= A Configuration Word Mismatch Reset has not occurred
bit 8
VREGS:
Program Memory Power During Sleep bit(3)
1
= Program memory bias voltage remains powered during Sleep
0
= Program memory bias voltage is powered down during Sleep
bit 7
EXTR:
External Reset (MCLR) Pin bit(1)
1
= A Master Clear (pin) Reset has occurred
0
= A Master Clear (pin) Reset has not occurred
bit 6
SWR:
Software Reset (Instruction) Flag bit(1)
1
=A RESET instruction has been executed
0
=A RESET instruction has not been executed
Note 1:
All of the Reset status bits may be set or cleared in software. Setting one of these bits in software does not
cause a device Reset.
2:
If the LPCFG Configuration bit is 1’ (unprogrammed), the retention regulator is disabled and the RETEN bit
has no effect.
3:
Re-enabling the regulator after it enters Standby mode will add a delay, TVREG, when waking up from
Sleep. Applications that do not use the voltage regulator should set this bit to prevent this delay from
occurring.
4:
If the FWDTEN Configuration bit is ‘1’ (unprogrammed), the WDT is always enabled, regardless of the
SWDTEN bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com