Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ128GA310 Fiches technique(PDF) 57 Page - Microchip Technology

No de pièce PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Fiches technique(HTML) 57 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 53Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 54Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 55Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 56Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 57Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 58Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 59Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 60Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 406 page
background image
AD1CON4
0352
—
—
—
—
—
—
—
—
—
—
—
—
—
DMABL2 DMABL1 DMABL0
0000
AD1CON5
0354
ASEN
LPEN
CTMREQ BGREQ
—
—
ASINT1
ASINT0
—
—
—
—WM1
WM0
CM1
CM0
0000
AD1CHITH
0356
—
—
—
—
—
—
CHH25(1) CHH24(1) CHH23(1) CHH22(1) CHH21(1) CHH20(1) CHH19(1) CHH18(1) CHH17(1) CHH16(1)
0000
AD1CHITL
0358
CHH15
CHH14
CHH13
CHH12
CHH11
CHH10
CHH9
CHH8
CHH7
CHH6
CHH5
CHH4
CHH3
CHH2
CHH1
CHH0
0000
AD1CTMENH
0360
—
CTMEN30 CTMEN29 CTMEN28 CTMEN27 CTMEN26 CTMEN25 CTMEN24 CTMEN23 CTMEN22 CTMEN21 CTMEN20 CTMEN19 CTMEN18 CTMEN17 CTMEN16
0000
AD1CTMENL
0362
CTMEN15 CTMEN14 CTMEN13 CTMEN12 CTMEN11 CTMEN10 CTMEN9 CTMEN8 CTMEN7 CTMEN6
CTMEN5
CTMEN4
CTMEN3
CTMEN2
CTMEN1
CTMEN0
0000
AD1DMBUF
0364
Conversion Data Buffer (Extended Buffer mode)
xxxx
TABLE 4-20:
A/D REGISTER MAP (CONTINUED)
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits are unimplemented in 64-pin and 80-pin devices, read as ‘0’.
TABLE 4-21:
CTMU REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CTMUCON1 035A CTMUEN
—
CTMUSIDL
TGEN
EDGEN
EDGSEQEN IDISSEN
CTTRIG
—
—
—
—
—
—
—
—
0000
CTMUCON2 035C EDG1MOD EDG1POL EDG1SEL3 EDG1SEL2 EDG1SEL1 EDG1SEL0 EDG2STAT EDG1STAT EDG2MOD EDG2POL EDG2SEL3 EDG2SEL2 EDG2SEL1 EDG2SEL0
—
—
0000
CTMUICON
035E
ITRIM5
ITRIM4
ITRIM3
ITRIM2
ITRIM1
ITRIM0
IRNG1
IRNG0
—
—
—
—
—
—
—
—
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-22:
ANALOG CONFIGURATION REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ANCFG
04DE
—
—
—
—
—
—
—
—
—
—
—
—
—
VBG6EN VBG2EN
VBGEN
0000
ANSA
04E0
—
—
—
—
—
—
—
—
ANSA7(1) ANSA6(1)
—
—
—
—
—
—
00C0
ANSB
04E2
ANSB15
ANSB14
ANSB13
ANSB12
ANSB11
ANSB10
ANSB9
ANSB8
ANSB7
ANSB6
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
FFFF
ANSC
04E4
—
—
—
—
—
—
—
—
—
—
—ANSC4(1)
—
—
—
—
0010
ANSD
04E6
—
—
—
—
ANSD11
ANSD10
—
—
ANSD7
ANSD6
—
—
—
—
—
—
0CC0
ANSE
04E8
—
—
—
—
—
—
ANSE9(2)
—
ANSE7
ANSE6
ANSE5
ANSE4
—
—
—
—
02F0
ANSG
04EC
—
—
—
—
—
—
ANSG9
ANSG8
ANSG7
ANSG6
—
—
—
—
—
—
03C0
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits are unimplemented in 64-pin and 80-pin devices, read as ‘0’.
2:
These bits are unimplemented in 64-pin devices. In 80-pin devices, this bit needs to be cleared to get digital functionality on RE9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com