| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24FJ128GA310 Fiches technique(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 Fiches technique(HTML) 15 Page - Microchip Technology |
|
15 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 15 PIC24FJ128GA310 FAMILY TABLE 1-3: DEVICE FEATURES FOR THE PIC24FJ128GA310 FAMILY: 100-PIN DEVICES Features PIC24FJ64GA310 PIC24FJ128GA310 Operating Frequency DC – 32 MHz Program Memory (bytes) 64K 128K Program Memory (instructions) 22,016 44,032 Data Memory (bytes) 8K Interrupt Sources (soft vectors/NMI traps) 66 (62/4) I/O Ports Ports A, B, C, D, E, F, G Total I/O Pins 85 Remappable Pins 44 (32 I/O, 12 input only) Timers: Total Number (16-bit) 5(1) 32-Bit (from paired 16-bit timers) 2 Input Capture Channels 7(1) Output Compare/PWM Channels 7(1) Input Change Notification Interrupt 82 Serial Communications: UART 4(1) SPI (3-wire/4-wire) 2(1) I2C™ 2 Digital Signal Modulator Yes Parallel Communications (EPMP/PSP) Yes JTAG Boundary Scan Yes 12/10-Bit Analog-to-Digital Converter (A/D) Module (input channels) 24 Analog Comparators 3 CTMU Interface Yes LCD Controller (available pixels) 480 (60 SEG x 8 COM) Resets (and delays) Core POR, VDD POR, VBAT POR,BOR, RESET Instruction, MCLR, WDT; Illegal Opcode, REPEAT Instruction, Hardware Traps, Configuration Word Mismatch (OST, PLL Lock) Instruction Set 76 Base Instructions, Multiple Addressing Mode Variations Packages 100-Pin TQFP and 121-Pin BGA Note 1: Peripherals are accessible through remappable pins. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |