| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24FJ128GA310 Fiches technique(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 Fiches technique(HTML) 88 Page - Microchip Technology |
|
88 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 88 2010-2011 Microchip Technology Inc. 6.6.2 PROGRAMMING A SINGLE WORD OF FLASH PROGRAM MEMORY If a Flash location has been erased, it can be pro- grammed using table write instructions to write an instruction word (24-bit) into the write latch. The TBLPAG register is loaded with the 8 Most Significant Bytes (MSBs) of the Flash address. The TBLWTL and TBLWTH instructions write the desired data into the write latches and specify the lower 16 bits of the pro- gram memory address to write to. To configure the NVMCON register for a word write, set the NVMOP bits (NVMCON<3:0>) to ‘0011’. The write is performed by executing the unlock sequence and setting the WR bit (see Example 6-5). An equivalent procedure in ‘C’ compiler, using the MPLAB C30 compiler and built-in hardware functions, is shown in Example 6-6. EXAMPLE 6-5: PROGRAMMING A SINGLE WORD OF FLASH PROGRAM MEMORY EXAMPLE 6-6: PROGRAMMING A SINGLE WORD OF FLASH PROGRAM MEMORY (‘C’ LANGUAGE CODE) ; Setup a pointer to data Program Memory MOV #tblpage(PROG_ADDR), W0 ; MOV W0, TBLPAG ;Initialize PM Page Boundary SFR MOV #tbloffset(PROG_ADDR), W0 ;Initialize a register with program memory address MOV #LOW_WORD_N, W2 ; MOV #HIGH_BYTE_N, W3 ; TBLWTL W2, [W0] ; Write PM low word into program latch TBLWTH W3, [W0++] ; Write PM high byte into program latch ; Setup NVMCON for programming one word to data Program Memory MOV #0x4003, W0 ; MOV W0, NVMCON ; Set NVMOP bits to 0011 DISI #5 ; Disable interrupts while the KEY sequence is written MOV.B #0x55, W0 ; Write the key sequence MOV W0, NVMKEY MOV.B #0xAA, W0 MOV W0, NVMKEY BSET NVMCON, #WR ; Start the write cycle NOP ; Required delays NOP // C example using MPLAB C30 unsigned int offset; unsigned long progAddr = 0xXXXXXX; // Address of word to program unsigned int progDataL = 0xXXXX; // Data to program lower word unsigned char progDataH = 0xXX; // Data to program upper byte //Set up NVMCON for word programming NVMCON = 0x4003; // Initialize NVMCON //Set up pointer to the first memory location to be written TBLPAG = progAddr>>16; // Initialize PM Page Boundary SFR offset = progAddr & 0xFFFF; // Initialize lower word of address //Perform TBLWT instructions to write latches __builtin_tblwtl(offset, progDataL); // Write to address low word __builtin_tblwth(offset, progDataH); // Write to upper byte asm(“DISI #5”); // Block interrupts with priority <7 // for next 5 instructions __builtin_write_NVM(); // C30 function to perform unlock // sequence and set WR |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |