Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ128GA310 Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Fiches technique(HTML) 25 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 21Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 22Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 23Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 24Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 25Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 26Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 27Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 28Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 25
PIC24FJ128GA310 FAMILY
RP0
16
20
25
K2
I/O
ST
Remappable Peripheral (input or output).
RP1
151924
K1
I/O
ST
RP2
425468
E9
I/O
ST
RP3
445670
D11
I/O
ST
RP4
435569
E10
I/O
ST
RP5
—
38
48
K9
I/O
ST
RP6
172126L1
I/O
ST
RP7
182227
J3
I/O
ST
RP8
212732
K4
I/O
ST
RP9
222833L4
I/O
ST
RP10
31
39
49
L10
I/O
ST
RP11
46
58
72
D9
I/O
ST
RP12
45
57
71
C11
I/O
ST
RP13
14
18
23
J2
I/O
ST
RP14
29
35
43
K7
I/O
ST
RP15
—
43
53
J10
I/O
ST
RP16
33
41
51
K10
I/O
ST
RP17
32
40
50
L11
I/O
ST
RP18
11
15
20
H1
I/O
ST
RP19
6
8
12
F2
I/O
ST
RP20
53
67
82
B8
I/O
ST
RP21
4
6
10
E3
I/O
ST
RP22
51
63
78
B9
I/O
ST
RP23
50
62
77
A10
I/O
ST
RP24
49
61
76
A11
I/O
ST
RP25
52
66
81
C8
I/O
ST
RP26
5
7
11
F4
I/O
ST
RP27
8
10
14
F3
I/O
ST
RP28
12
16
21
H2
I/O
ST
RP29
30
36
44
L8
I/O
ST
RP30
34
42
52
K11
I/O
ST
RP31
—
—
39
L6
I/O
ST
RPI32
—
—
40
K6
I
ST
Remappable Peripheral (input only).
RPI33
—
13
18
G1
I
ST
RPI34
—
14
19
G2
I
ST
RPI35
—
53
67
E8
I
ST
RPI36
—
52
66
E11
I
ST
RPI37
486074
B11
I
ST
RPI38
—
4
6
D1
I
ST
RPI39
—
—
7
E4
I
ST
RPI40
—
5
8
E2
I
ST
RPI41
—
—
9
E1
I
ST
RPI42
—
64
79
A9
I
ST
RPI43
—
37
47
L9
I
ST
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com