Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24FJ128GA310 Fiches technique(PDF) 28 Page - Microchip Technology

No de pièce PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Fiches technique(HTML) 28 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 24Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 25Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 26Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 27Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 28Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 29Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 30Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 31Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 406 page
background image
PIC24FJ128GA310 FAMILY
PIC24FJDS39996F-page 28
 2010-2011 Microchip Technology Inc.
VBAT
57
71
86
A7
P
—
Back-up Battery.
VCAP
56
70
85
B7
P
—
External Filter Capacitor Connection (regulator
enabled).
VDD
10, 26,
38
12, 32,
48
2, 16,
37, 46,
62
C2, F8,
G5, H6,
K8
P
—
Positive Supply for Peripheral Digital Logic and I/O
Pins.
VLCAP1
5
7
11
F4
I
ANA
LCD Drive Charge Pump Capacitor Inputs.
VLCAP26
8
12
F2
I
ANA
VREF+
—
24
29
K3
I
ANA
Comparator/A/D Reference Voltage (low) Input
(default).
VREF-
—
23
28
L2
I
ANA
Comparator/A/D Reference Voltage (high) Input
(default).
Vss
9, 25, 41
11, 31,
51
15, 36,
45, 65,
75
B10, F5,
F10, G6,
G7
P
—
Ground Reference for Logic and I/O Pins.
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com