Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1340 Fiches technique(PDF) 115 Page - STMicroelectronics

No de pièce SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Fiches technique(HTML) 115 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 111Page - STMicroelectronics SPEAR1340 Datasheet HTML 112Page - STMicroelectronics SPEAR1340 Datasheet HTML 113Page - STMicroelectronics SPEAR1340 Datasheet HTML 114Page - STMicroelectronics SPEAR1340 Datasheet HTML 115Page - STMicroelectronics SPEAR1340 Datasheet HTML 116Page - STMicroelectronics SPEAR1340 Datasheet HTML 117Page - STMicroelectronics SPEAR1340 Datasheet HTML 118Page - STMicroelectronics SPEAR1340 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
115/200
3.5.7
Video
Table 27.
Audio - S/PDIF signals description
Signal name
Description
Type
Ball
SPDIF_IN
S/PDIF input
I
AD17
SPDIF_OUT
S/PDIF output
O
K26
Table 28.
Video - LCD controller signals description
Signal name
Description
Type
Ball
LCD_R0
Port 1 red data
O
B26
LCD_R1
C27
LCD_R2
F24
LCD_R3
A26
LCD_R4
D27
LCD_R5
D28
LCD_R6
A27
LCD_R7
A28
LCD_G0
Port 1 green data
O
E25
LCD_G1
E28
LCD_G2
G24
LCD_G3
H24
LCD_G4
F25
LCD_G5
G25
LCD_G6
F26
LCD_G7
G26
LCD_B0
Port 1 blue data
O
H26
LCD_B1
H25
LCD_B2
J25
LCD_B3
J26
LCD_B4
J27
LCD_B5
J28
LCD_B6
J24
LCD_B7
H27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More