Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1340 Fiches technique(PDF) 93 Page - STMicroelectronics

No de pièce SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Fiches technique(HTML) 93 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 89Page - STMicroelectronics SPEAR1340 Datasheet HTML 90Page - STMicroelectronics SPEAR1340 Datasheet HTML 91Page - STMicroelectronics SPEAR1340 Datasheet HTML 92Page - STMicroelectronics SPEAR1340 Datasheet HTML 93Page - STMicroelectronics SPEAR1340 Datasheet HTML 94Page - STMicroelectronics SPEAR1340 Datasheet HTML 95Page - STMicroelectronics SPEAR1340 Datasheet HTML 96Page - STMicroelectronics SPEAR1340 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
93/200
VREG2_3V3_IN
Voltage regulator 2 power
supply
H6
PWR
gnd
Ground
A6 B6 D5 E5 F5 F7
F10 F13 F16 F19 F22
G4 G5 G6 H5 H23 J5
J6 K5 K10 K16 K18
K23 L4 L5 L6 L11 L13
L15 L17 M5 M10 M12
M13 M14 M15 M16
M18 M23 N4 N6 N11
N13 N14 N15 N16 N17
N19 R2 P5 P10 P12
P13 P14 P15 P16 P18
P23 R4 R6 R11 R13
R14 R15 R16 R17 T4
T5 T10 T12 T13 T14
T15 T16 T18 U6 U11
U13 U14 U15 U16 U17
T23 V5 V10 V12 V14
V16 V18 V23 W6 W11
W13 W15 W17 W19
Y5 Y23 AA6 AB4 AB5
AB23 AC6 AC8 AC10
AC12 AC14 AC16
AC18 AC20 AD7 AD9
AD11 AD13
GND
Table 4.
Power supply signals description (continued)
Pin name
Description
Ball
Signal type Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More