Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1340 Fiches technique(PDF) 83 Page - STMicroelectronics

No de pièce SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Fiches technique(HTML) 83 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 79Page - STMicroelectronics SPEAR1340 Datasheet HTML 80Page - STMicroelectronics SPEAR1340 Datasheet HTML 81Page - STMicroelectronics SPEAR1340 Datasheet HTML 82Page - STMicroelectronics SPEAR1340 Datasheet HTML 83Page - STMicroelectronics SPEAR1340 Datasheet HTML 84Page - STMicroelectronics SPEAR1340 Datasheet HTML 85Page - STMicroelectronics SPEAR1340 Datasheet HTML 86Page - STMicroelectronics SPEAR1340 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 200 page
background image
P3
MIPHY0_VDD2PLL2V5
PWR
L3
MIPHY0_VDDR1V2
PWR
N1
MIPHY0_VDDT1V2
PWR
E6
PLL1_AVDD2V5
PWR
D6
PLL1_VDD1V2
PWR
E4
PLL2_AVDD2V5
PWR
D4
PLL2_VDD1V2
PWR
N5
PLL3_AVDD2V5
PWR
P6
PLL3_VDD1V2
PWR
AC5
DDR_PLL_AVDD2V5
PWR
U19
OTP_VDD2V5
PWR
B7
MCLK_AVDD1V2
PWR
B8
MCLK_AVDD3V3
PWR
K4
USB_UHC0_VDD1V2
PWR
Table 3.
Ball characteristics (continued)
Ball
Pin name
Pad type and pad options
Reset/Reset rel. state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More