Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1340 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 81Page - STMicroelectronics SPEAR1340 Datasheet HTML 82Page - STMicroelectronics SPEAR1340 Datasheet HTML 83Page - STMicroelectronics SPEAR1340 Datasheet HTML 84Page - STMicroelectronics SPEAR1340 Datasheet HTML 85Page - STMicroelectronics SPEAR1340 Datasheet HTML 86Page - STMicroelectronics SPEAR1340 Datasheet HTML 87Page - STMicroelectronics SPEAR1340 Datasheet HTML 88Page - STMicroelectronics SPEAR1340 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 200 page
background image
A6 B6
D5 E5
F5 F7
F10
F13
F16
F19
F22 G4
G5 G6
H5 H23
J5 J6
K5 K10
K16
K18
K23
L4 L5
L6 L11
L13
L15
L17
M5
M10
M12
M13
M14
M15
M16
M18
M23
N4 N6
N11
gnd
GND
Table 3.
Ball characteristics (continued)
Ball
Pin name
Pad type and pad options
Reset/Reset rel. state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More