| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR1340 Fiches technique(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR1340 Fiches technique(HTML) 114 Page - STMicroelectronics |
|
114 / 200 page ![]() Pin description SPEAr1340 114/200 Doc ID 023063 Rev 4 3.5.6 Audio KBD_COL3 I IO Pressed key3, active low GPIO. Input/Output E11 KBD_COL2 I IO Pressed key2, active low D11 KBD_COL1 I IO Pressed key1, active low C11 KBD_COL0 I IO Pressed key0, active low B11 Table 24. Connectivity - KBD signals description (continued) Signal name Signal type Description Ball Keyboard GPIO Keyboard GPIO Table 25. Connectivity - CEC signals description Signal name Description Type Ball CEC0 CEC0 CEC0 RX/TX data IO K25 CEC1 CEC1 CEC1 RX/TX data IO K24 Table 26. Audio - I2S signals description Signal name Description Type Ball I2SIN I2S_IN_DATA3 Data input for receive mode IY28 I2S_IN_DATA2 IW24 I2S_IN_DATA1 IW25 I2S_IN_DATA0 IW26 I2S_IN_WS Word select line for receive mode I V24 I2S_IN_BITCLK Serial interface clock I W28 I2SOUT I2S_OUT_DATA3 Data output for transmit mode OU25 I2S_OUT_DATA2 OV25 I2S_OUT_DATA1 OU26 I2S_OUT_DATA0 OV26 I2S_OUT_WS Word select line for transmit mode - (active high) O U24 I2S_OUT_BITCLK Serial interface clock O W27 I2S_OUT_REFCLK Input reference clock for I2S output functional block (audio crystal) I V27 I2S_OUT_OVRSAMP_CLK Oversampling/reference clock for external audio devices O V28 |