Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1340 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 22Page - STMicroelectronics SPEAR1340 Datasheet HTML 23Page - STMicroelectronics SPEAR1340 Datasheet HTML 24Page - STMicroelectronics SPEAR1340 Datasheet HTML 25Page - STMicroelectronics SPEAR1340 Datasheet HTML 26Page - STMicroelectronics SPEAR1340 Datasheet HTML 27Page - STMicroelectronics SPEAR1340 Datasheet HTML 28Page - STMicroelectronics SPEAR1340 Datasheet HTML 29Page - STMicroelectronics SPEAR1340 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 200 page
background image
Device functions
SPEAr1340
26/200
Doc ID 023063 Rev 4
Software
●
Compatibility with the following graphics standards:
–
OpenGL ES 2.0
–
OpenGL ES 1.1
–
OpenVG 1.0
The geometry processor must be programmed using OpenVG or Open GL base layers.
2.22
Video decoder (VDEC)
Main features:
●
All algorithms in hardware - minimal CPU load
●
Minimal power consumption - functional level clock gating and synthesis time clock
gating (> 90% of registers under gating)
Supported video codecs:
●
H.264 profile and level
–
Baseline, main and high profiles
–
Decoding up to 1080p/30fps(1)
●
Scalable video coding (SVC):
–
Baseline and high profiles (base layer only)
●
MPEG-4 visual profile and level
–
Simple and advanced simple profiles, levels 0 –5(2)
●
H.263 profile and level
–
Profile 0, levels 10 –70 (image size up to 720x576)
●
Sorenson Spark
●
WMV9 / VC-1
–
Simple, main and advanced profiles, levels 0 -3
●
MPEG-1&2 main profile
–
Low, medium and high levels
●
RealVideo8/9/10
●
DivX®3/4/5/6 support
–
Home theater profile qualification
●
VP6, VP7 versions 0-3
●
VP8 version 2 (WebM)
●
AVS Jizhun Profile
●
JPEG, all common sampling formats
–
Baseline interleaved
1.
Achievable resolution and frame rate depending on specific stream content and system load.
2.
Global motion compensation (GMC) is not supported.