Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1340 Fiches technique(PDF) 103 Page - STMicroelectronics

No de pièce SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Fiches technique(HTML) 103 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 99Page - STMicroelectronics SPEAR1340 Datasheet HTML 100Page - STMicroelectronics SPEAR1340 Datasheet HTML 101Page - STMicroelectronics SPEAR1340 Datasheet HTML 102Page - STMicroelectronics SPEAR1340 Datasheet HTML 103Page - STMicroelectronics SPEAR1340 Datasheet HTML 104Page - STMicroelectronics SPEAR1340 Datasheet HTML 105Page - STMicroelectronics SPEAR1340 Datasheet HTML 106Page - STMicroelectronics SPEAR1340 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
103/200
Table 11.
Memories - FSMC signals description
Signal name
Description
Type
Ball
FSMC_IO0
Data bus
IO
D10
FSMC_IO1
C10
FSMC_IO2
B10
FSMC_IO3
E9
FSMC_IO4
D9
FSMC_IO5
C9
FSMC_IO6
B9
FSMC_IO7
A9
FSMC_IO8
A12
FSMC_IO9
B12
FSMC_IO10
C12
FSMC_IO11
D12
FSMC_IO12
E12
FSMC_IO13
A11
FSMC_IO14
B11
FSMC_IO15
C11
FSMC_AD0
Address bus
O
B17
FSMC_AD1
C17
FSMC_AD2
D17
FSMC_AD3
E19
FSMC_AD4
A18
FSMC_AD5
B18
FSMC_AD6
C18
FSMC_AD7
D18
FSMC_AD8
E20
FSMC_AD9
A19
FSMC_AD10
B19
FSMC_AD11
C19
FSMC_AD12
D19
FSMC_AD13
E21
FSMC_AD14
A20
FSMC_AD15
B20
FSMC_AD18
C20
FSMC_AD19
D20
FSMC_AD20
E22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More