Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1340 Fiches technique(PDF) 102 Page - STMicroelectronics

No de pièce SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Fiches technique(HTML) 102 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 98Page - STMicroelectronics SPEAR1340 Datasheet HTML 99Page - STMicroelectronics SPEAR1340 Datasheet HTML 100Page - STMicroelectronics SPEAR1340 Datasheet HTML 101Page - STMicroelectronics SPEAR1340 Datasheet HTML 102Page - STMicroelectronics SPEAR1340 Datasheet HTML 103Page - STMicroelectronics SPEAR1340 Datasheet HTML 104Page - STMicroelectronics SPEAR1340 Datasheet HTML 105Page - STMicroelectronics SPEAR1340 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 200 page
background image
Pin description
SPEAr1340
102/200
Doc ID 023063 Rev 4
DDR_DQ14
Memory data bus
IO
AH5
DDR_DQ15
AH1
DDR_DQ16
AE8
DDR_DQ17
AE10
DDR_DQ18
AF7
DDR_DQ19
AE11
DDR_DQ20
AE7
DDR_DQ21
AF11
DDR_DQ22
AF6
DDR_DQ23
AF9
DDR_DQ24
AH9
DDR_DQ25
AH8
DDR_DQ26
AG11
DDR_DQ27
AG6
DDR_DQ28
AG10
DDR_DQ29
AH7
DDR_DQ30
AH11
DDR_DQ31
AG7
DDR_RESETn
Memory reset (active low)
O
T2
DDR_CLKM0
Differential memory clock (active low)
O
AD2
DDR_CLKM1
AC2
DDR_CLKM2
AB2
DDR_CLKP0
Differential memory clock (active high)
O
AD
DDR_CLKP1
AC1
DDR_CLKP2
AB1
Table 10.
Memories - MPMC signals description (continued)
Signal name
Description
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More