Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBT2532C2AT Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 40Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 41Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 42Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 43Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 44Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 45Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 46Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 47Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Ordering information scheme
SPBT2532C2.AT
46/48
Doc ID 16089 Rev 3
Ordering information scheme
Note:
No antenna on board
Table 17.
Ordering information scheme
SPBT
2532
C2
.AT
Bluetooth® modules
V2.1 compliant
Class 2
AT command set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48