Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBT2532C2AT Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 38Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 39Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 40Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 41Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 42Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 43Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 44Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 45Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Error responses
SPBT2532C2.AT
42/48
Doc ID 16089 Rev 3
D.6
ErrUnknownCmd
The ErrUnknownCmd error response will be sent if the requested command is not
recognized. The unrecognized command will be echoed back to the host. Any parameters
given will be ignored.
AT-AB ErrUnknownCmd [unrecognized command]
An accepted command always starts with the command identifier:
AT+AB
D.7
ErrInProgress
ErrInProgress is sent in response to Discovery command being issued when the previous
one is still in progress.
AT+AB Discovery [unrecognized command]
Examples of commands that produce this error response are given in the following table:
Table 15.
Example commands that generate <ErrInProgress>
Example
Reason
AT+AB Discovery
Trying to do discovery when the previous one has not completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48