Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBT2532C2AT Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 33Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 34Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 35Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 36Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 37Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 38Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 39Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 40Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
SPBT2532C2.AT
Commands
Doc ID 16089 Rev 3
37/48
C.31
StreamingSerial
C.31.1
Syntax
AT+AB StreamingSerial [Enable/Disable]
Where
[Enable/Disable] is an e or E character to enable this parameter and a d or D
character to disable it.
C.31.2
Query
An alternative syntax may be used to query the current StreamingSerial feature status. This
syntax is not supported by other commands.
AT+AB StreamingSerial
C.31.3
Responses
If the feature is successfully applied or queried, the response is:
AT-AB StreamingSerial [Enabled/Disabled]
C.32
UpdateInquiryScan
The UpdateInquiryScan command is used to modify the Inquiry scan parameters: mode,
duration, and interval.
C.32.1
Syntax
AT+AB UpdateInquiryScan [mode] [duration] [interval]
where
[mode] is the discoverable mode:
0: non-discoverable
1: limited discoverability – not supported
2: discoverable
[duration] is the scan length in slots; 18 to 4096. The default duration is 18 slots.
[interval] is the period between scans in slots; 18 to 4096. The default interval is 2048
slots
C.32.2
Responses
If the command is successful, the response is:
AT-AB InquiryScanUpdateDone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48