| Moteur de recherche de fiches techniques de composants électroniques |
|
SPBT2532C2AT Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT2532C2AT Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 48 page ![]() SPBT2532C2.AT 20/48 Doc ID 16089 Rev 3 Appendix B The appendix describes an embedded application that provides a serial cable replacement service using the Bluetooth serial port profile. B.1 Purpose This document provides a detailed description of each command supported by the AT command interface, (abSerial) SW developed by Amp’edRF. Figure 9. SW developer Each description explains parameters and the expected behaviors of each command and response. Errors responses are also detailed in this document. To provide feedback or to request assistance on abSerial commands please contact abserial.support@st.com B.2 Definitions and acronyms The following acronyms are used in this document. Table 8. Definitions and acronyms Term Description/Meaning ASCII American standard code for information Interchange, a standard describing encoding of characters; the use in this document is strictly US 7-bit BD Bluetooth device DCD Modem signal “data carrier detect”; indication from a modem that a connection has been made through, for example, a dialup connection DTE Data terminal entity, e.g., a computer DTR Modem signal “data terminal ready”; indication to a modem that the data terminal is ready for a connection DUN Dialup networking (profile) GPIO General purpose input-output LAN Local area network PIN Personal identification number SPP Serial port profile UART Universal asynchronous receiver-transmitter |