Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBT2532C2AT Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 37Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 38Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 39Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 40Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 41Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 42Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 43Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 44Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
SPBT2532C2.AT
Error responses
Doc ID 16089 Rev 3
41/48
D.4
ErrInvalidParam
The ErrInvalidParam error response will be sent if the parameters for the requested
command are not correct. The parameter(s) will be echoed back to the user starting from
the parameter that was rejected.
Examples of commands that produce this error response are given in the following table.
D.5
ErrNumParam
The ErrNumParam error response will be sent if there are too few parameters for the
requested command. A command sent with too many parameters does not generate an
error; instead, the extra parameters are ignored.
Warning:
Some commands will accept a variable number of
parameters.
Examples of commands that produce this error response are given in the following table.
Table 13.
Example commands that generate <ErrInvalidParam>
Example
Response
Reason
AT+AB SPPConnect
8136
AT-AB ErrInvalidParam 8136
Numeric parameter not specified with required
number of digits (BD address must always be
12 hex characters).
AT+AB SPPConnect
00043e008136 GOEP
AT-AB ErrInvalidParam goep
Unrecognized (or unsupported) symbolic
parameter used.
AT+AB ChangeBaud
1600
AT-AB ErrInvalidParam 1600
Numeric parameter is out of range (specified
baud rate is not supported by command).
AT+AB EnableBond
00043e000000
12345678901234567
AT-AB ErrInvalidParam
12345678901234567
String parameter (PIN)has too many
characters.
Table 14.
Example commands that generate <ErrNumParam>
Example
Reason
AT+AB Security
No parameters were specified.
AT+AB Sniff
The minimum number of parameters was not specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48