Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBT2532C2AT Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 36Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 37Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 38Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 39Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 40Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 41Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 42Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 43Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Error responses
SPBT2532C2.AT
40/48
Doc ID 16089 Rev 3
D.2
ErrExecution
The ErrExecution error response will be sent if the command cannot complete for any
reason.
Examples of commands that produce this error response are given in the following table.
D.3
ErrFormat
The ErrFormat error response will be sent if abSerial receives a command (text terminated
by a carriage return or line feed) that does not match the expected format of starting with
AT+AB .
Examples of commands that produce this error response are given in the following table.
Table 11.
Example commands that generate <ErrExecution>
Example
Reason
AT+AB security none
Execution of command with correct syntax failed
AT+AB discovery
Execution of command with correct syntax failed
Table 12.
Example commands that generate <ErrFormat>
Example
Reason
AT-AB Discovery
A valid command name that does not start with the right
prefix.
SPPConnect 00043e000000
A command does not start with AT+AB
abcdef
A command does not start with AT+AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48