Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBT2532C2AT Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 21Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 22Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 23Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 24Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 25Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 26Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 27Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 28Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
SPBT2532C2.AT
Commands
Doc ID 16089 Rev 3
25/48
C.2
Build
The version command is used to return the current version of the abSerial interface.
C.2.1
Syntax
AT+AB Build
C.2.2
Responses
If the operation is successful, the response is:
AT-AB abSerial Build [date]
where
[date] is the date code of the application firmware.
C.3
Bypass
The Bypass command is used to return the abSerial interface to the bypass mode, if a
connection is still available. The possible use for this is to change a setting after a
connection has been made (such as the UART baud rate). If the abSerial interface does not
have a connection, it will respond as if the connection is down.
C.3.1
Syntax
AT+AB Bypass
C.3.2
Responses
If a connection is still available, the response is:
AT-AB -BypassMode-
If there is currently no connection, the response is:
AT-AB ConnectionDown
C.4
ChangeBaud
The host sends the ChangeBaud command in order to change the local UART speed to a
new speed identified by the host. This setting will only remain in effect during the current
session - until reset.
C.4.1
Syntax
AT+AB ChangeBaud [rate]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48