| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 615 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 615 Page - Renesas Technology Corp |
|
615 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 563 of 1102 REJ09B0294-0100 10.5 Interrupt Sources There are three kinds of TPU interrupt sources: TGR input capture/compare match, TCNT overflow, and TCNT underflow. Each interrupt source has its own status flag and enable/disable bit, allowing generation of interrupt request signals to be enabled or disabled individually. When an interrupt request is generated, the corresponding status flag in TSR is set to 1. If the corresponding enable/disable bit in TIER is set to 1 at this time, an interrupt is requested. The interrupt request is cleared by clearing the status flag to 0. Relative channel priority levels can be changed by the interrupt controller, but the priority within a channel is fixed. For details, see section 5, Interrupt Controller. Table 10.37 lists the TPU interrupt sources. Table 10.37 TPU Interrupts Channel Name Interrupt Source Interrupt Flag DTC Activa- tion DMAC Activa- tion 0 TGI0A TGRA_0 input capture/compare match TGFA_0 O O TGI0B TGRB_0 input capture/compare match TGFB_0 O TGI0C TGRC_0 input capture/compare match TGFC_0 O TGI0D TGRD_0 input capture/compare match TGFD_0 O TCI0V TCNT_0 overflow TCFV_0 1 TGI1A TGRA_1 input capture/compare match TGFA_1 O O TGI1B TGRB_1 input capture/compare match TGFB_1 O TCI1V TCNT_1 overflow TCFV_1 TCI1U TCNT_1 underflow TCFU_1 2 TGI2A TGRA_2 input capture/compare match TGFA_2 O O TGI2B TGRB_2 input capture/compare match TGFB_2 O TCI2V TCNT_2 overflow TCFV_2 TCI2U TCNT_2 underflow TCFU_2 3 TGI3A TGRA_3 input capture/compare match TGFA_3 O O TGI3B TGRB_3 input capture/compare match TGFB_3 O TGI3C TGRC_3 input capture/compare match TGFC_3 O TGI3D TGRD_3 input capture/compare match TGFD_3 O TCI3V TCNT_3 overflow TCFV_3 |