| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 612 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 612 Page - Renesas Technology Corp |
|
612 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 560 of 1102 REJ09B0294-0100 (c) Phase counting mode 3 Figure 10.27 shows an example of phase counting mode 3 operation, and table 10.35 summarizes the TCNT up/down-count conditions. Time Up-count Down-count TCNT value TCLKA (channels 1 and 5) TCLKC (channels 2 and 4) TCLKB (channels 1 and 5) TCLKD (channels 2 and 4) Figure 10.27 Example of Phase Counting Mode 3 Operation Table 10.35 Up/Down-Count Conditions in Phase Counting Mode 3 TCLKA (Channels 1 and 5) TCLKC (Channels 2 and 4) TCLKB (Channels 1 and 5) TCLKD (Channels 2 and 4) Operation High level Don't care Low level Don't care Low level Don't care High level Up-count High level Down-count Low level Don't care High level Don't care Low level Don't care [Legend] : Rising edge : Falling edge |