Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22Q533 Fiches technique(PDF) 69 Page - Rohm

No de pièce ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Fiches technique(HTML) 69 Page - Rohm

Back Button ML22Q533 Datasheet HTML 65Page - Rohm ML22Q533 Datasheet HTML 66Page - Rohm ML22Q533 Datasheet HTML 67Page - Rohm ML22Q533 Datasheet HTML 68Page - Rohm ML22Q533 Datasheet HTML 69Page - Rohm ML22Q533 Datasheet HTML 70Page - Rohm ML22Q533 Datasheet HTML 71Page - Rohm ML22Q533 Datasheet HTML 72Page - Rohm ML22Q533 Datasheet HTML 73Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Repeat playback setting/release timing by SLOOP/CLOOP command
The SLOOP command is valid only during playback. After the PLAY command is input, input the SLOOP command within
the specified period (tcm) after the NCR of the corresponding channel becomes "H" level. This enables the SLOOP command
and repeats playback. While the repeat playback mode is set, the NCR signal is "L" level.
CSB
Status
1st Repeat playing
SCK
SI
NCRn
BUSYBn
SPM
1/2SPVDD
SPP
1/2SPVDD
Address is being controlled
Awaiting command
Awaiting command
PLAY command
2
nd byte
Address is being controlled
Command is being processed
VOH
VOL
CBUSYB
tCB2
tcm
(internal)
(internal)
tCB1
SLOOP command
tCB1
CLOOP command
2nd Repeat playing
69/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More