Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22Q533 Fiches technique(PDF) 45 Page - Rohm

No de pièce ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Fiches technique(HTML) 45 Page - Rohm

Back Button ML22Q533 Datasheet HTML 41Page - Rohm ML22Q533 Datasheet HTML 42Page - Rohm ML22Q533 Datasheet HTML 43Page - Rohm ML22Q533 Datasheet HTML 44Page - Rohm ML22Q533 Datasheet HTML 45Page - Rohm ML22Q533 Datasheet HTML 46Page - Rohm ML22Q533 Datasheet HTML 47Page - Rohm ML22Q533 Datasheet HTML 48Page - Rohm ML22Q533 Datasheet HTML 49Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Playback sound error detection
The playback sound error detection function detects error when the sound being played back by this LSI sounds different
from the expected sound due to distortion, etc.
The error is detected by fetching the output of the speaker of this LSI from inside or outside of the LSI and comparing it with
the playback data.
Connect the FB1 and the FB2 to the SPP and SPM to detect errors in the playback sound outside the LSI.
Digital Filter
Volume
Sound Check
Speaker
AMP
Expect Data
Feed Back Data
Compare
Error
SPP
SPM
FB2
FB1
DAC
45/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More