| Moteur de recherche de fiches techniques de composants électroniques |
|
ML22Q533 Fiches technique(PDF) 26 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
ML22Q533 Fiches technique(HTML) 26 Page - Rohm |
|
26 / 178 page ![]() FEDL22Q53X-02 ML22Q53X ● Volume Settings (Differences Between AVOL and CVOL and PAN) The volume can be set with four commands CVOL, PAN, AVOL and AMODE. The CVOL can set the volume of each channel, the PAN can set the volume of each channel (Lch/Rch) output to the SAI_OUT pin, the AVOL can set the volume after channel mixing, and the AMODE can set the input gain to the amplifier. By using the fade function with FADE command, the volume can be adjusted stepwise when the volume is changed with CVOL and PAN. Channel 0 (CH0) Channel 1 (CH1) Channel 2 (CH2) Channel 3 (CH3) [3:0] [3:0] [3:0] [0] [1] [2] [3] [0] [1] [2] [3] [0] [1] [2] [3] AIN Speaker amplifier GAIN AMP Setting AIG of AMODE command Setting DAG of AMODE command GAIN AMP CVOL command FADE command PAN command FADE command LOUT LINE AMP AVOL command SPP SPM SAI_OUT LRCLK BCLK 26/178 |