Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22Q533 Fiches technique(PDF) 65 Page - Rohm

No de pièce ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Fiches technique(HTML) 65 Page - Rohm

Back Button ML22Q533 Datasheet HTML 61Page - Rohm ML22Q533 Datasheet HTML 62Page - Rohm ML22Q533 Datasheet HTML 63Page - Rohm ML22Q533 Datasheet HTML 64Page - Rohm ML22Q533 Datasheet HTML 65Page - Rohm ML22Q533 Datasheet HTML 66Page - Rohm ML22Q533 Datasheet HTML 67Page - Rohm ML22Q533 Datasheet HTML 68Page - Rohm ML22Q533 Datasheet HTML 69Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Continuous playback timing by START command
When making continuous playbacks, input the START command for the next phrases within the specified time period (tcm)
after the NCR of the corresponding channel changes to "H" level, so that the LSI plays back the next phrases without silence
sounds after the current phrase playback ends.
When the playback is not continuous, input the START command for the next phrases after confirming the playback is
completed by RDSTAT command, etc.
CSB
Status
Playing phrase 1
SCK
SI
NCRn
BUSYBn
SPM
1/2SPVDD
SPP
1/2SPVDD
Address is being controlled
Awaiting command
START command
Playing phrase 2
FADR command
1
st byte
2
nd byte
(internal)
(internal)
VOH
VOL
CBUSYB
tcm
tCB1
tCB2
tCB1
START command
tCB1
65/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More