Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22Q533 Fiches technique(PDF) 24 Page - Rohm

No de pièce ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Fiches technique(HTML) 24 Page - Rohm

Back Button ML22Q533 Datasheet HTML 20Page - Rohm ML22Q533 Datasheet HTML 21Page - Rohm ML22Q533 Datasheet HTML 22Page - Rohm ML22Q533 Datasheet HTML 23Page - Rohm ML22Q533 Datasheet HTML 24Page - Rohm ML22Q533 Datasheet HTML 25Page - Rohm ML22Q533 Datasheet HTML 26Page - Rohm ML22Q533 Datasheet HTML 27Page - Rohm ML22Q533 Datasheet HTML 28Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
● SAI (Serial Audio Interface)
SAI transfers digital sound data serially.
The sound data input from the SAI_IN pin can be played using the speaker amplifier or LINE amplifier.
Furthermore, not only can it e mixed with the sound data in the flash memory and played back by the speaker amplifier or
LINE amplifier, but it can also be output from SAI_OUT pin.
Various serial data formats are supported by a combination of command settings.
A WSLI, DLYI and MSBI are used to represent the supported formats.
For WSLI, DLYI and MSBI, refer to the "SAIRCON command".
When using SAI, set the analog power-up state with the AMODE command.
<DLYI="0", ISSCKI="0" / DLYO="0", ISSCKO="0", MSBI="0">
<DLYI="0", ISSCKI="1" / DLYO="0", ISSCKO="1", MSBI="0">
<DLYI="1", ISSCKI="1" / DLYO="1", ISSCKO="1", MSBI="0">
24/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More