Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22Q533 Fiches technique(PDF) 97 Page - Rohm

No de pièce ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Fiches technique(HTML) 97 Page - Rohm

Back Button ML22Q533 Datasheet HTML 93Page - Rohm ML22Q533 Datasheet HTML 94Page - Rohm ML22Q533 Datasheet HTML 95Page - Rohm ML22Q533 Datasheet HTML 96Page - Rohm ML22Q533 Datasheet HTML 97Page - Rohm ML22Q533 Datasheet HTML 98Page - Rohm ML22Q533 Datasheet HTML 99Page - Rohm ML22Q533 Datasheet HTML 100Page - Rohm ML22Q533 Datasheet HTML 101Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Change volume timing by CVOL command
*1 Refer to the "FADE command" for more information on volume-transition time.
 RDSTAT command timing
Status
NCR
BUSYB
Command is being processed
Awaiting command
CBUSYB
(internal)
(internal)
RDSTAT command(Write)
1
st byte
Awaiting
command
SCL
SDA
SlaveAddress
A
W
A
tCB1
SlaveAddress
A
R
Awaiting command
Under reading
RDSTAT command(Read)
2
nd byte
A
VOH
VOL
NCRn
BUSYBn
CVOL command
1st byte
VOH
VOL
CBUSYB
tCB1
(internal)
(internal)
tCB1
SCL
SDA
Slave Address
A
W
A
A
Status
Command is being processed
Awaiting command
Command is being processed
SPM
SPP
Volume transition time
*1
CVOL command
2nd byte
Awaiting command
Awaiting command
97/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More