Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22Q533 Fiches technique(PDF) 64 Page - Rohm

No de pièce ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Fiches technique(HTML) 64 Page - Rohm

Back Button ML22Q533 Datasheet HTML 60Page - Rohm ML22Q533 Datasheet HTML 61Page - Rohm ML22Q533 Datasheet HTML 62Page - Rohm ML22Q533 Datasheet HTML 63Page - Rohm ML22Q533 Datasheet HTML 64Page - Rohm ML22Q533 Datasheet HTML 65Page - Rohm ML22Q533 Datasheet HTML 66Page - Rohm ML22Q533 Datasheet HTML 67Page - Rohm ML22Q533 Datasheet HTML 68Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Playback start timing by START command
When the START command is input, the address data of the phrase to be played after the command processing time (tCB2) is
read from the flash memory. When the phrase address data is read, the specified phrase starts playback, and when playback is
completed, the BUSYB signal of the playback channel becomes "H" level.
The NCR signal goes to the "L" level during playback preparation, and goes to the "H" level when playback preparation is
completed and playback starts. When the NCR signal of the playback channel becomes "H" level, the START command of
the next phrase to be played can be accepted.
*1 The length of the "L" interval in the BUSYBn is (tCB2+ sound production time).
CSB
Status
Playing
SCK
SI
NCRn
BUSYBn
Awaiting command
SPM
1/2SPVDD
SPP
1/2SPVDD
Address is being
controlled
Awaiting command
*1
START command
(internal)
(internal)
VOH
VOL
CBUSYB
tCB2
64/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More