Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22Q533 Fiches technique(PDF) 92 Page - Rohm

No de pièce ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Fiches technique(HTML) 92 Page - Rohm

Back Button ML22Q533 Datasheet HTML 88Page - Rohm ML22Q533 Datasheet HTML 89Page - Rohm ML22Q533 Datasheet HTML 90Page - Rohm ML22Q533 Datasheet HTML 91Page - Rohm ML22Q533 Datasheet HTML 92Page - Rohm ML22Q533 Datasheet HTML 93Page - Rohm ML22Q533 Datasheet HTML 94Page - Rohm ML22Q533 Datasheet HTML 95Page - Rohm ML22Q533 Datasheet HTML 96Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Continuous playback timing by START command
When making continuous playbacks, input the START command for the next phrases within the specified time period (tcm)
after the NCR of the corresponding channel changes to "H" level, so that the LSI plays back the next phrases without silence
sounds after the current phrase playback ends.
When the playback is not continuous, input the START command for the next phrases after confirming the playback is
completed by RDSTAT command, etc.
Status
Playing phrase 1
NCRn
BUSYBn
SPM
1/2SPVDD
SPP
1/2SPVDD
Address is being controlled
Awaiting command
START command
FADR command
1
st byte
2
nd byte
Playing phrase 2
START command
tcm
(internal)
(internal)
VOH
VOL
CBUSYB
tCB1
SCL
SDA
Slave Address
A
W
A
A
A
tCB1
tCB2
tCB1
A
92/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More