Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CHR71000 Fiches technique(PDF) 53 Page - ams-OSRAM AG

No de pièce CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Fiches technique(HTML) 53 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 46Page - ams-OSRAM AG CHR71000 Datasheet HTML 47Page - ams-OSRAM AG CHR71000 Datasheet HTML 48Page - ams-OSRAM AG CHR71000 Datasheet HTML 49Page - ams-OSRAM AG CHR71000 Datasheet HTML 50Page - ams-OSRAM AG CHR71000 Datasheet HTML 51Page - ams-OSRAM AG CHR71000 Datasheet HTML 52Page - ams-OSRAM AG CHR71000 Datasheet HTML 53Page - ams-OSRAM AG CHR71000 Datasheet HTML 54Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
CHR71000
Revision information
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
53 / 54
/
12
Revision information
Document status
Product status
Definition
Product Preview
Pre-development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams-OSRAM AG standard warranty as given in the General Terms of Trade
Other definitions
Draft / Preliminary:
The draft / preliminary status of a document indicates that the content is still under internal review and subject to change without notice. ams-OSRAM
AG does not give any warranties as to the accuracy or completeness of information included in a draft / preliminary version of a document and shall
have no liability for the consequences of use of such information.
Short datasheet:
A short datasheet is intended for quick reference only, it is an extract from a full datasheet with the same product number(s) and title. For detailed
and full information always see the relevant full datasheet. In case of any inconsistency or conflict with the short datasheet, the full datasheet shall
prevail.
Changes from previous released version to current revision v2-01
Page
Changes from v1-00 to v2-00
Datasheet contents transferred to the new ams OSRAM template
Changes from v2-00 to v2-01
Updated all instances of “CHR70000” to “CHR71000”
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54