Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CHR71000 Fiches technique(PDF) 25 Page - ams-OSRAM AG

No de pièce CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Fiches technique(HTML) 25 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 21Page - ams-OSRAM AG CHR71000 Datasheet HTML 22Page - ams-OSRAM AG CHR71000 Datasheet HTML 23Page - ams-OSRAM AG CHR71000 Datasheet HTML 24Page - ams-OSRAM AG CHR71000 Datasheet HTML 25Page - ams-OSRAM AG CHR71000 Datasheet HTML 26Page - ams-OSRAM AG CHR71000 Datasheet HTML 27Page - ams-OSRAM AG CHR71000 Datasheet HTML 28Page - ams-OSRAM AG CHR71000 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
25 / 54
/
Where ROT is expressed in number of master clock periods (see point 7.3.2.2 for more
details). So, for a full image with a 30MHz clock and a ROT of 168 clock cycles (default), you
can achieve a 2.98fps frame rate.
The global active-low reset (RESET_N) resets all digital sequential cells (flip-flops) in the
sensor. A falling edge on the RESET_N input (enter reset state) is fed to all sequential cells
asynchronously.
A rising edge on the RESET_N input (exit reset state) is synchronized internally to the rising
edge of CLK_IN (the 3rd one after the rising edge of the reset signal) before it goes to the flip-
flops. This ensures that all flip-flops exit the reset state during the same clock period.
The reset synchronization circuit also ensures that the minimum width of an active pulse on
RESET_N is 2 clock cycles on the internal reset_n. This means that every glitch on the
RESET_N input will generate a complete reset of the device. Figure 12 shows the timing of the
reset synchronization circuit.
Figure 12: LVDS clock delay versus master clock
CLK_IN
RESET_N
Internal reset_n
1
2
3
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54