Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CHR71000 Fiches technique(PDF) 33 Page - ams-OSRAM AG

No de pièce CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Fiches technique(HTML) 33 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 29Page - ams-OSRAM AG CHR71000 Datasheet HTML 30Page - ams-OSRAM AG CHR71000 Datasheet HTML 31Page - ams-OSRAM AG CHR71000 Datasheet HTML 32Page - ams-OSRAM AG CHR71000 Datasheet HTML 33Page - ams-OSRAM AG CHR71000 Datasheet HTML 34Page - ams-OSRAM AG CHR71000 Datasheet HTML 35Page - ams-OSRAM AG CHR71000 Datasheet HTML 36Page - ams-OSRAM AG CHR71000 Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
33 / 54
/
7.4
Windowing and subsampling
7.4.1
Windowing
The pixel array resolution is 10000 pixels in x direction and 7096 pixels in y direction. On each
side of the pixel array, there are a number of dummy pixels (to improve the optical behavior of
the pixels at the edges of the active pixel array). For windowing purposes, the rows and
columns of the pixel array have an address. When reading out a frame, the start and end
positions of the frame in x- and y-direction need to be specified. To reduce the number of
available addresses, only every 16th column and every 8th row have an address. This means
that the size of a window is always a multiple of 16(x) by 8(y) pixels.
The dummy pixels on each side of the pixel array also have an address (y,x): (0,y), (626,y),
(x,0) and (x,888). Figure 18 shows a representation of the pixel array with the addresses in x
and y direction.
Figure 18: Representation of the pixel array
(7,15)
(0,0)
(8,0)
(0,16)
(8,16)
(7080,0)
(7088,0)
(7080,16)
(7088,16
(7080,9968)
(7088,9968)
(7080,9984)
(7088,9984)
(0,9968)
(8,9968)
(0,9984)
(8,9984)
(0,x)
(y,0)
(7088,x)
(y,9984)
(y,x)
0
1
2
1 + (x/16)
624
625
626
0
1
2
1 + (y/8)
886
887
888
ADDR_X
Dummy pixels
ADDR_Y
Valid pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54