Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CHR71000 Fiches technique(PDF) 31 Page - ams-OSRAM AG

No de pièce CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Fiches technique(HTML) 31 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 27Page - ams-OSRAM AG CHR71000 Datasheet HTML 28Page - ams-OSRAM AG CHR71000 Datasheet HTML 29Page - ams-OSRAM AG CHR71000 Datasheet HTML 30Page - ams-OSRAM AG CHR71000 Datasheet HTML 31Page - ams-OSRAM AG CHR71000 Datasheet HTML 32Page - ams-OSRAM AG CHR71000 Datasheet HTML 33Page - ams-OSRAM AG CHR71000 Datasheet HTML 34Page - ams-OSRAM AG CHR71000 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
31 / 54
/
The length of the ROT is (T1+T2+T3+2*(T4+T5+T6+T8)+T9+T10+T11+T12+T13+4). With the
default values, the ROT length is 168 clock cycles, or 5.56 µs. The read out will start after this
ROT (4 clock pulses after sync_x rising edge).
The ROT timing can be configured further with the following registers:
•
With the register reg_pol, the polarity of all outputs can be set. To achieve the timing as in
previous figure, the reg_pol bit for every signal should be '1'. The signal can be inverted by
changing the register bit to '0'. Next table shows which register bit maps to which signal.
Table 10: Reg_pol description
Reg_pol
Output
[0]
imc_sync_x
[1]
imc_clk_y
[2]
imc_sync_y_read
[3]
imc_sync_y_inte
[4]
imc_pix_transfer
[5]
imc_pix_reset
[6]
imc_pix_select
[7]
imc_col_sample
[8]
imc_col_sample_r
[9]
imc_col_sample_s
[10]
imc_col_init
[11]
imc_col_precharge
[12]
imc_col_enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54