| Moteur de recherche de fiches techniques de composants électroniques |
|
CHR71000 Fiches technique(PDF) 49 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CHR71000 Fiches technique(HTML) 49 Page - ams-OSRAM AG |
|
49 / 54 page ![]() CHR71000 Package drawings Datasheet • PUBLIC • Document Feedback DS000427 • v2-01 • 2026-Mar-18 49 / 54 / 10.2 Sensor floor plan Figure 27 shows the sensor floor plan. The pixel array is centered in the horizontal direction. Pixel (0, 0) is at the bottom left position. Bond pad 1 is also situated at the bottom left. The numbering of the bond pads is counterclockwise. Figure 27: Floor plan of the sensor Active Pixel Array 7096 Rows (+2*8 dummy rows) 10000 Columns (+2*16 dummy columns) Pixel Column Loads Double Sampling Column Amplifiers I/O PADS I/O PADS I/O PADS I/O PADS I/O PADS Pixel(0,0) I/O Pad 1 Sequencer & SPI Output Amplifiers |