| Moteur de recherche de fiches techniques de composants électroniques |
|
CHR71000 Fiches technique(PDF) 26 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CHR71000 Fiches technique(HTML) 26 Page - ams-OSRAM AG |
|
26 / 54 page ![]() CHR71000 Functional description Datasheet • PUBLIC • Document Feedback DS000427 • v2-01 • 2026-Mar-18 26 / 54 / 7.3.2 Frame and line timing A frame is a collection of lines, which in its turn is a collection of pixels. One line-readout consists of a sampling period and a readout period. During the sampling period, all blocks on the sensor are prepared for readout of the line: the column readout structures are initialized and the pixel values (reset and signal) are copied into the columns. This operation is generally called Row Overhead Time or ROT. When the ROT has finished, the pixel values that are stored in the columns are read out sequentially. This sequence is repeated for every line in a frame. Before the readout of a frame can start, an integration period must have passed. During this period, light integrates in the pixels. The integration time is specified as a number of line times. Figure 13 shows the timing of reading out 1 frame of 4 lines with an integration time of 2 line times. Figure 13: Schematic representation of integration and readout Because of the rolling shutter operation of the sensor, the integration of frame n+1 can happen during the readout of frame n. Figure 14 shows the timing of reading out 2 frames of 4 lines with an integration time of 2 line times. Figure 14: Example of readout of 2 frames (4 lines) with 2 lines integration time INTE 1 INTE 2 ROT 1 Read 1 ROT 2 Read 2 ROT 3 Read 3 ROT 4 Read 4 Frame Integration Frame Readout INTE 1 INTE 2 INTE 1 INTE 2 INTE 1 INTE 2 ROW 1 ROW 2 ROW 3 ROW 4 INTE 1 INTE 2 ROT 1 Read 1 ROT 2 Read 2 ROT 3 Read 3 ROT 4 Read 4 Frame 1 Integration Frame 1 Readout INTE 1 INTE 2 INTE 1 INTE 2 INTE 1 INTE 2 ROW 1 ROW 2 ROW 3 ROW 4 INTE 1 INTE 2 ROT 1 Read 1 INTE 1 INTE 2 ROT 2 Read 2 ROT 3 Read 3 ROT 4 Read 4 INTE 1 INTE 2 INTE 1 INTE 2 Frame 2 Integration Frame 2 Readout ROW 1 ROW 2 ROW 3 ROW 4 |