Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7225 Fiches technique(PDF) 21 Page - ams-OSRAM AG

No de pièce AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Fiches technique(HTML) 21 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 17Page - ams-OSRAM AG AS7225 Datasheet HTML 18Page - ams-OSRAM AG AS7225 Datasheet HTML 19Page - ams-OSRAM AG AS7225 Datasheet HTML 20Page - ams-OSRAM AG AS7225 Datasheet HTML 21Page - ams-OSRAM AG AS7225 Datasheet HTML 22Page - ams-OSRAM AG AS7225 Datasheet HTML 23Page - ams-OSRAM AG AS7225 Datasheet HTML 24Page - ams-OSRAM AG AS7225 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Document Feedback
AS7225
I²C Slave Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 20
// Read slave I2C status to see if the write buffer is ready.
status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG) ;
if ((status & I2C_AS72XX_SLAVE_TX_VALID) == 0)
// No inbound TX pending at slave. Okay to write now.
break ;
}
// Send the virtual register address (setting bit 7 to indicate a pending
write).
i2cm_write(I2C_AS72XX_SLAVE_WRITE_REG, (virtualReg | 0x80)) ;
while (1)
{
// Read the slave I2C status to see if the write buffer is ready.
Status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG) ;
if ((status & I2C_AS72XX_SLAVE_TX_VALID) == 0)
// No inbound TX pending at slave. Okay to write data now.
break ;
}
// Send the data to complete the operation.
i2cm_write(I2C_AS72XX_SLAVE_WRITE_REG, d) ;
}
8.3
I²C Virtual Register Read Access
I²C Virtual Register Byte Read, detailed below, shows the pseudocode necessary to read virtual
registers on the AS7225. Note that in this case, reading a virtual register, the register address is not
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76