| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 42 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 42 Page - ams-OSRAM AG |
|
42 / 76 page ![]() Document Feedback AS7225 Register Description Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 41 10.2.15 Raw Value Registers (Addresses 0x08:0x13) These byte registers are used together as RAW_VALUE_x_H: RAW_VALUE_x_L. Figure 46: Raw Value X Register High Addr: 0x08 RAW_VALUE_0_H Bit Bit Name Default Access Bit Description 15:8 RAW_VALUE_0_H - R Raw Value X Channel high byte Figure 47: Raw Value X Register Low Addr: 0x09 RAW_VALUE_0_L Bit Bit Name Default Access Bit Description 7:0 RAW_VALUE_0_L - R Raw Value X Channel low byte Figure 48: Raw Value Y Register High Addr: 0x0A RAW_VALUE_1_H Bit Bit Name Default Access Bit Description 15:8 RAW_VALUE_1_H - R Raw Value Y Channel high byte Figure 49: Raw Value Y Register Low Addr: 0x0B RAW_VALUE_1_L Bit Bit Name Default Access Bit Description 7:0 RAW_VALUE_1_L - R Raw Value Y Channel low byte |