| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 58 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 58 Page - ams-OSRAM AG |
|
58 / 76 page ![]() Document Feedback AS7225 Smart Lighting Command Interface Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 57 Command Direction Description Format Value Range Default ATVERHW R Returns the system hardware version as a HEX value of the form PRDTx where are P=PartID and R=ChipRevision and DT=DeviceType. HEX <0xPRDT> PR = 40 DT = 19 (AS7225) 0x4019 ATTEMP R Read the current device temperature in degrees Celsius DEZ - - ATXYZC R Read calibrated X, Y and Z data DEZ <XXX.X, YYY.Y, ZZZ.Z> - ATSMALLXYC R Read calibrated x and y for CIE 1931 color gamut DEZ <xxxx.xxxx, yyyy.yyyy> - ATUVPRIMEC R Read calibrated u’, v’ and u, v for CIE 1976 color gamut DEZ <u’u’u’u’u’.u’u’u’u’,v’v’v’v’v’.v’v’v’v’, uuuuu.uuuu,vvvvv.vvvv> - ATDATA R Read all six raw values: red, green, blue, ir, dark, clear DEZ <r, g, b, ir, d, c> - ATDUVC R Read delta uv values DEZ XXXXX.XXXX - ATESP R Read the single 16 bit sum of ESP1 board device available HEX Bit0 = TSL25721 or TSL45315 - Director Config ATCHAN1 R CHAN_MODE 0: Dimming CHAN_MODE1: Dimming CHAN_MODE 2: overall brightness (only for information) DEZ 0 ATCHAN2 R CHAN_MODE 0: disabled (0) CHAN_MODE 1: STRING1 COLOR_TUNING CHAN_MODE 2: STRING1 COLOR_TUNING with DIMMING DEZ 0 ATCHAN3 R CHAN_MODE 0: disabled (0) CHAN_MODE 1: STRING1 complement COLOR_TUNING CHAN_MODE 2: STRING2 COLOR_TUNING with DIMMING DEZ 0 |