| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 25 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 25 Page - ams-OSRAM AG |
|
25 / 76 page ![]() Document Feedback AS7225 I²C Slave Interface Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 24 8.5 4-Byte Floating-Point (FP) Registers In addition to single and two byte, several 4-byte registers (hex) are shown in the tables starting below. Here is an example of how the registers are used to represent floating point data (based on the IEEE 754 standard): Figure 16: Example of the IEEE 754 Standard The floating-point (FP) value assumed by 32-bit binary data with a biased exponent e (the 8-bit unsigned integer) and a 23-bit fraction is (for the above example): Equation 1: ������������������������������������������ = (−1)������������������������ (1 + ∑ ������23−������2−������ 23 ������=1 ) × 2(������−127) Equation 2: ������������������������������������������ = (−1)0 (1 + ∑ ������23−������2−������ 23 ������=1 ) × 2(124−127) Equation 3: ������������������������������������������ = 1 × (1 + 2−2) × 2(−3) = 0.15625 byte 3 3Eh byte 2 20h byte 1 byte 0 00h 31 24 23 16 15 8 0 sign exponent (8 bits) fraction (23 bits) = 0.15625 31 30 23 22 0 0 0 1 1 1 1 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 00h 7 |