Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7225 Fiches technique(PDF) 26 Page - ams-OSRAM AG

No de pièce AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Fiches technique(HTML) 26 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 22Page - ams-OSRAM AG AS7225 Datasheet HTML 23Page - ams-OSRAM AG AS7225 Datasheet HTML 24Page - ams-OSRAM AG AS7225 Datasheet HTML 25Page - ams-OSRAM AG AS7225 Datasheet HTML 26Page - ams-OSRAM AG AS7225 Datasheet HTML 27Page - ams-OSRAM AG AS7225 Datasheet HTML 28Page - ams-OSRAM AG AS7225 Datasheet HTML 29Page - ams-OSRAM AG AS7225 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
Document Feedback
AS7225
I²C Slave Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 25
8.6
I²C Virtual Register Set
A register overview and a detailed description of the AS7225 I²C register set you find in chapter 10. All
register data are hex, and all multi-byte entities are Big Endian (most significant byte is situated at the
lowest register address).
Multiple byte registers (2-byte integer or 4-byte floating point) must be read in the order of ascending
register addresses (low to high). In addition, if capable of being written to, have to be written in the
order of ascending register addresses as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76