| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 51 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 51 Page - ams-OSRAM AG |
|
51 / 76 page ![]() Document Feedback AS7225 Register Description Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 50 Addr: 0x48 (R/W) FW_CNTRL Bit Bit Name Default Access Bit Description 0 CHKSUM - R Checksum of other bank is valid Figure 76: Firmware Byte Counter Register High Addr: 0x49 FW_BYTE_COUNT_H Bit Bit Name Default Access Bit Description 7:0 FW_BYTE_COUNT_H 0 R Byte counter of transferred image high byte Figure 77: Firmware Byte Counter Register Low Addr: 0x4A FW_BYTE_COUNT_L Bit Bit Name Default Access Bit Description 7:0 FW_BYTE_COUNT_L 0 R Byte counter of transferred image low byte Figure 78: Firmware Payload Register Addr: 0x4B (R/W) FW_PAYLOAD Bit Bit Name Default Access Bit Description 7:0 FW_PAYLOAD 0 R/W Transfer of the firmware byte |