Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7225 Fiches technique(PDF) 54 Page - ams-OSRAM AG

No de pièce AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7225 Fiches technique(HTML) 54 Page - ams-OSRAM AG

Back Button AS7225 Datasheet HTML 50Page - ams-OSRAM AG AS7225 Datasheet HTML 51Page - ams-OSRAM AG AS7225 Datasheet HTML 52Page - ams-OSRAM AG AS7225 Datasheet HTML 53Page - ams-OSRAM AG AS7225 Datasheet HTML 54Page - ams-OSRAM AG AS7225 Datasheet HTML 55Page - ams-OSRAM AG AS7225 Datasheet HTML 56Page - ams-OSRAM AG AS7225 Datasheet HTML 57Page - ams-OSRAM AG AS7225 Datasheet HTML 58Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
Document Feedback
AS7225
UART Command Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 53
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCSN_H
CSN hold time
Time between last SCK
falling edge and CSN
low-high transition
5
ns
tCSN_DIS
CSN disable time
10
ns
tDO_S
Data-out setup time
5
ns
tDO_H
Data-out hold time
5
ns
tDI_V
Data-in valid
10
ns
Figure 81:
SPI Master Write Timing
Figure 82:
SPI Master Read Timing
CSN
SCK
MOSI
MSB
LSB
HI - Z
HI - Z
MISO
tDO_S
tDO_H
tCSN_S
t SCK_RISE
t SCK_FALL
t CSN_DIS
t CSN_H
CSN_xx
SCK
Dont care
MOSI
MISO
MSB
LSB
t SCK_H
t SCK_L
t DI_V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76