| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7225 Fiches technique(PDF) 55 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7225 Fiches technique(HTML) 55 Page - ams-OSRAM AG |
|
55 / 76 page ![]() Document Feedback AS7225 UART Command Interface Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 54 11.4 Serial Flash A SPI Flash device is a required operating companion to the AS7225. See Figure 83 for supported devices, which are tested by ams. Using other devices can cause communication issues and may not be compatible. Flash timing is provided in Figure 81 and Figure 82 for debug purposes. Figure 83: Flash Memory Overview Serial Flash Manufacturer AT25SF041xx Adesto Technologies AT25DF041xx Adesto Technologies MX25L4006ExxI-12G Macronix SST25PF040C Microchip Technology W25X40CLSNIG Winbond Electronics LE25U40CMD ON Semiconductor GD25Q40C GigaDevice FS25Q004F1 Foresee Additional devices may have been added to this list after publication of this datasheet. See “AS72xx External Flash program and update” application note available on the ams AS7225 product document section of the ams website. |