Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD32H757ZMT7 Fiches technique(PDF) 51 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Fiches technique(HTML) 51 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 151 page
background image
GD32H757xx Datasheet
50
BGA100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
PD9
J9
I/O
Default: PD9
Alternate:
HPDF_DATAIN3, USART2_RX, SAI1_CLK1,
EXMC_D14, EVENTOUT
PD10
H9
I/O
Default: PD10
Alternate:
HPDF_CKOUT, USART2_CK, SAI1_DAT1,
EXMC_D15, TLI_B3, EVENTOUT
PD11
G9
I/O
Default: PD11
Alternate: TIMER40_CH1, TIMER7_MCH3, I2C3_SMBA,
USART2_CTS, SAI1_DAT2, OSPIM_P0_IO0, SAI1_SD0,
EXMC_A16/EXMC_CLE, EVENTOUT
PD12
K10
I/O
Default: PD12
Alternate: TIMER41_CH1, TIMER3_CH0, I2C3_SCL,
CAN2_RX, EDOUT_A, USART2_RTS, USART2_DE,
OSPIM_P0_IO1, SAI1_FS0, EXMC_A17/EXMC_ALE,
DCI_D12, EVENTOUT
PD13
J10
I/O
Default: PD13
Alternate: TIMER42_CH1, TIMER3_CH1, I2C3_SDA,
CAN2_TX, EDOUT_B, OSPIM_P0_IO3, SAI1_SCK0,
EXMC_A18, DCI_D13, EVENTOUT
PD14
H8
I/O
Default: PD14
Alternate: TIMER43_CH1, TIMER3_CH2, SPI3_IO2,
EDOUT_Z, UART7_CTS, EXMC_D0, EVENTOUT
PD15
G8
I/O
Default: PD15
Alternate: TIMER44_CH1, TIMER3_CH3, SPI3_IO3,
UART7_RTS, UART7_DE, EXMC_D1, EVENTOUT
VDD33US
B
F6
P
-
Default: VDD33USB
PC6
F10
I/O
Default: PC6
Alternate: TIMER0_BRKIN1, TIMER2_CH0, TIMER7_CH0,
HPDF_CKIN3, I2S1_MCK, USART5_TX, SDIO0_DAT0DIR,
EXMC_NWAIT, SDIO1_D6, SDIO0_D6, DCI_D0,
TLI_HSYNC, EVENTOUT
PC7
E10
I/O
Default: PC7
Alternate: TIMER0_CH3, TIMER2_CH1, TIMER7_CH1,
HPDF_DATAIN3, I2S2_MCK, USART5_RX,
SDIO0_DAT123DIR, EXMC_NE0, SDIO1_D7, SDIO0_D7,
DCI_D1, TLI_G6, EVENTOUT
PC8
F9
I/O
Default: PC8
Alternate: TRACED1, TIMER2_CH2, TIMER7_CH2,
USART5_CK, UART4_RTS, UART4_DE, EXMC_NE1,
EXMC_INT, SDIO0_D0, DCI_D2, EVENTOUT
PC9
E9
I/O
Default: PC9
Alternate: CK_OUT1, TIMER0_MCH3, TIMER2_CH3,
TIMER7_CH3, I2C2_SDA, I2S_CKIN, UART4_CTS,
OSPIM_P0_IO0, TLI_G3, SDIO0_D1, DCI_D3, TLI_B2,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More