Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD32H757ZMT7 Fiches technique(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Fiches technique(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 151 page
background image
GD32H757xx Datasheet
48
BGA100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
Additional: ADC01_IN4, CMP0_IM7
PC5
H4
I/O
Default: PC5
Alternate: PMU_SLEEP, SAI0_DAT2, HPDF_DATAIN2,
TIMER41_MCH0, RSPDIF_CH3, ETH0_RMII_RXD1,
EXMC_SDCKE0, CMP0_OUT, TLI_DE, EVENTOUT
Additional: ADC01_IN8
PB0
J4
I/O
Default: PB0
Alternate: TIMER0_MCH1, TIMER2_CH2, TIMER7_MCH1,
OSPIM_P0_IO1, HPDF_CKOUT, UART3_CTS, TLI_R3,
USBHS0_ULPI_D1, MDIO_A1, TRIGSEL_OUT3, TLI_G1,
EVENTOUT
Additional: ADC01_IN9, CMP0_IP0
PB1
K4
I/O
Default: PB1
Alternate: TIMER0_MCH2, TIMER2_CH3, TIMER7_MCH2,
OSPIM_P0_IO0, HPDF_DATAIN1, TLI_R6,
USBHS0_ULPI_D2, MDIO_A2, TRIGSEL_OUT4, TLI_G0,
EVENTOUT
Additional: ADC01_IN5, CMP0_IM6
PB2
G5
I/O
Default: PB2
Alternate: RTC_OUT, SAI0_DAT0, EXMC_D10,
HPDF_CKIN1, SAI0_SD0, SPI2_MOSI, I2S2_SD,
OSPIM_P0_SCK, EXMC_NCE, MDIO_A3, TIMER22_ETI,
EVENTOUT
Additional: CMP0_IP1
VDD
F5
P
-
Default: VDD
PE7
H5
I/O
Default: PE7
Alternate: TIMER0_ETI, HPDF_DATAIN2, UART6_RX,
OSPIM_P0_IO4, EXMC_D4, EVENTOUT
Additional: CMP1_IM7
PE8
J5
I/O
Default: PE8
Alternate: TIMER0_MCH0, HPDF_CKIN2, UART6_TX,
OSPIM_P0_IO5, EXMC_D5, CMP1_OUT, EVENTOUT
PE9
K5
I/O
Default: PE9
Alternate: TIMER0_CH0, HPDF_CKOUT, SPI3_IO2,
UART6_RTS, UART6_DE, OSPIM_P0_IO6, EXMC_D6,
EVENTOUT
Additional: CMP1_IP0
PE10
G6
I/O
Default: PE10
Alternate: TIMER0_MCH1, HPDF_DATAIN4, SPI3_IO3,
UART6_CTS, OSPIM_P0_IO7, EXMC_D7, EVENTOUT
Additional: CMP1_IM6
PE11
H6
I/O
Default: PE11
Alternate: TIMER0_CH1, HPDF_CKIN4, SPI3_NSS,
SAI1_SD1, OSPIM_P0_CSN, EXMC_D8, TLI_G3,
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More