Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD32H757ZMT7 Fiches technique(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Fiches technique(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 151 page
background image
GD32H757xx Datasheet
40
LQFP100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
Alternate: RTC_OUT, SAI0_DAT0, EXMC_D10,
HPDF_CKIN1, SAI0_SD0, SPI2_MOSI, I2S2_SD,
OSPIM_P0_SCK, EXMC_NCE, MDIO_A3, TIMER22_ETI,
EVENTOUT
Additional: CMP0_IP1
PE7
37
I/O
Default: PE7
Alternate: TIMER0_ETI, HPDF_DATAIN2, UART6_RX,
OSPIM_P0_IO4, EXMC_D4, EVENTOUT
Additional: CMP1_IM7
PE8
38
I/O
Default: PE8
Alternate: TIMER0_MCH0, HPDF_CKIN2, UART6_TX,
OSPIM_P0_IO5, EXMC_D5, CMP1_OUT, EVENTOUT
PE9
39
I/O
Default: PE9
Alternate: TIMER0_CH0, HPDF_CKOUT, SPI3_IO2,
UART6_RTS, UART6_DE, OSPIM_P0_IO6, EXMC_D6,
EVENTOUT
Additional: CMP1_IP0
PE10
40
I/O
Default: PE10
Alternate: TIMER0_MCH1, HPDF_DATAIN4, SPI3_IO3,
UART6_CTS, OSPIM_P0_IO7, EXMC_D7, EVENTOUT
Additional: CMP1_IM6
PE11
41
I/O
Default: PE11
Alternate: TIMER0_CH1, HPDF_CKIN4, SPI3_NSS,
SAI1_SD1, OSPIM_P0_CSN, EXMC_D8, TLI_G3,
EVENTOUT
Additional: CMP1_IP1
PE12
42
I/O
Default: PE12
Alternate: TIMER0_MCH2, HPDF_DATAIN5, SPI3_SCK,
SAI1_SCK1, EXMC_D9, CMP0_OUT, TLI_B4, EVENTOUT
PE13
43
I/O
Default: PE13
Alternate: TIMER0_CH2, HPDF_CKIN5, SPI3_MISO,
SAI1_FS1, EXMC_D10, CMP1_OUT, TLI_DE, EVENTOUT
PE14
44
I/O
Default: PE14
Alternate: TIMER0_CH3, SPI3_MOSI, SAI1_MCLK1,
EXMC_D11, TLI_PIXCLK, EVENTOUT
PE15
45
I/O
Default: PE15
Alternate: TIMER0_BRKIN0, TLI_HSYNC, EXMC_D12,
CMP_MUX_OUT4, TLI_R7, EVENTOUT
PB10
46
I/O
Default: PB10
Alternate: TIMER1_CH2, I2C1_SCL, SPI1_SCK, I2S1_CK,
HPDF_DATAIN7, USART2_TX, OSPIM_P0_CSN,
USBHS0_ULPI_D3, TRIGSEL_OUT2, TLI_G4, EVENTOUT
PB11
47
I/O
Default: PB11
Alternate: TIMER1_CH3, I2C1_SDA, HPDF_CKIN7,
USART2_RX, USBHS0_ULPI_D4, ETH0_RMII_TX_EN,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More